Part Number Hot Search : 
TEW4974 1212S SMAJ3 NCP6332C 1H273 SCS480N DM7405N S5973
Product Description
Full Text Search
 

To Download UCA2V100MHD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
CA
Miniature Sized, High Ripple Current, Long Life
series
High ripple current and Long Life product withstanding load life of 12000 hours(10000 hours for D=10) at +105C. Suited for ballast application.
PB
Long Life
CA
Smaller
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
CS
Performance Characteristics
- 25 ~ +105C 160 ~ 450V 6.8 ~ 220F 20% at 120Hz, 20C After 1 minutes' application of rated voltage, leakage current is not more than 0.04CV+100 (A)
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
160 0.15
200 0.15
250 0.15
350 0.20
400 0.20
450 0.20
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.) Z-25C / Z+20C
160 3
200 3
250 3
350 6
400 6
450 6
Endurance
After an application of D.C. bias voltage plus the rated ripple current for 12000 hours (10000 hours for D =10) at 105C the peak voltage shall not exceed the rated D.C. voltage, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 105C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.)
+0.5MAX.
Bd
Type numbering system (Example : 250V 100F)
U CA 2 E 1 0 1 M HD T
P 0.5
1 2 3 4 5 6 7 8 9 10 11 12
Pressure relief vent
L +1.5MAX.
15 MIN
4 MIN
Size code Configuration Capacitance tolerance (20%) Rated Capacitance (100F) Rated voltage (250V) Series name Type
BD
BD Bd
P
10 12.5 16 18 5.0 5.0 7.5 7.5 0.6 0.6 0.8 0.8
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 10 PD 12.5 ~ 18 HD
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
CA
Cap. (F)
series
Dimensions
V Code
160
2C
200
2D
250
2E 10
350
2V
400
2G 220 280 10 10 12.5 16
450
2W 220 280 430 600 640 640 840 840 10 12.5 16 18 16 18
6.8 10 22
6R8 100 10
16 20 20 20 25 20 31.5 25
16 20 20 20 25 20 31.5 25 31.5
20 20 25 20 31.5 25 31.5
150 320 560 560 700 700
16 20 20 20 25 20 25 20 31.5 25 31.5 25
250
10
16 20 20 20 25 20 25 20 31.5 25 31.5
250
10
20 20 20 25 20 25 20 31.5 25 31.5
300
10
220
10
500
10
500
12.5
600
12.5
350
33
330
10
565
12.5
600
12.5
630
16
600
16 18
47
470
12.5
725
12.5
780
12.5 16
720 750 1000 920 1400 1345
16 18 16 18
700 750 1100 875
16 18
18
900
68
680
12.5 16 16 18 16 18 16 18
950 970 1280 1180 1360 1360 1400 1400
12.5 16 16 18 16 18
950 970 1280 1180 1360 1360
16 18 16 18
18
1000
100
101
150
151
18
1500
220
221
18
1700
fD
Case size L (mm)
: Rated Ripple (mArms) at 105C 100kHz : In this case, 6 will be put at 12th digit of type numbering system.
Frequency coefficient of rated ripple current
Frequency Coefficient 50Hz 0.40 120Hz 0.50 1kHz 0.80 10kHz 0.90 100kHz ~ 1.00
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UCA2V100MHD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X